Part Number Hot Search : 
L6926Q1 1205D FX365A MPSH17 LTC1060S PE83511 5AT0W 2SK2613
Product Description
Full Text Search
 

To Download 8522 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST207EH
15KV ESD PROTECTED 5V HIGH PERFORMANCE RS-232 TRANSCEIVER
s s
s s s
s
s
SINGLE +5v SUPPLY OPERATION 0.1F EXTENAL CHARGE PUMP CAPACITORS 500kbps DATE RATE UNDER LOAD LOWER SUPPLY CURRENT 1.5mA (TYP) IDEAL FOR HIGH SPEED RS-232 APPLICATIONS PACKAGED IN SO-24, SSO-24 AND TSSOP24 ESD PROTECTION FOR RS-232 I/O PINS: 15 KV HUMAN BODY MODEL
SOP
DESCRIPTION The ST207EH is a high speed enhanced multi-channel RS-232 line transceivers with improved electrical performance. The ST207EH is a superior drop-in replacement to our previous versions as well as popular industry standards. The device feature low-power CMOS construction and the charge pump circuitry that generates the 10V RS-232 voltag elevels using 01F charges pump capacitors. The ST207EH include a high transmission rate of 500Kbps, a lower supply current at 1.5mA typical (no load), and a superior ESD performance. The ESD tolerance has been ORDERING CODES
Type ST207EHCD ST207EHBD ST207EHCDR ST207EHBDR ST207EHCPR ST207EHBDR ST207EHCTR ST207EHBTR Temperature Range 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C Package
SSOP
TSSOP
improved for this device over 15KV for HUMAN Body Model. The ST207EH cames in 24-pin SO, SSO and TSSOP packages.
Comments 33parts per tube / 25tube per box 33parts per tube / 25tube per box 1000 parts per reel 1000 parts per reel 1350 parts per reel 1350 parts per reel 2500 parts per reel 2500 parts per reel
SO-24 (Tube) SO-24 (Tube) SO-24 (Tape & Reel) SO-24 (Tape & Reel) SSOP-24 (Tape & Reel) SSOP-24 (Tape & Reel) TSSOP24 (Tape & Reel) TSSOP24 (Tape & Reel)
January 2002
1/9
ST207EH
PIN CONFIGURATION
PIN DESCRIPTION
PlN N 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 SYMBOL T3OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC C1+ V+ C1C2+ C2VR3IN R3OUT T3IN T4IN T5OUT T5IN R2OUT R2IN T4OUT NAME AND FUNCTION RS-232 Driver Output RS-232 Driver Output RS-232 Driver Output RS-232 Receiver Input TTL/CMOS Receiver Output TTL/CMOS Driver Input Internal Pull-up to VCC TTL/CMOS Driver Input Internal Pull-up to VCC Ground 4.75V to 5.25V Supply Voltage Terminal For Positive Charge-pump Capacitor 2VCC Generated by The Charge-pump Terminal For Negative Charge-pump Capacitor Terminal For Positive Charge-pump Capacitor Terminal For Negative Charge-pump Capacitor -2VCC Generated by The Charge-pump RS-232 Receiver Input TTL/CMOS Receiver Output TTL/CMOS Driver Input Internal Pull-up to VCC TTL/CMOS Driver Input Internal Pull-up to VCC RS-232 Driver Output TTL/CMOS Driver Input Internal Pull-up to VCC TTL/CMOS Receiver Output RS-232 Receiver Input RS-232 Driver Output
2/9
ST207EH
ABSOLUTE MAXIMUM RATINGS
Symbol VCC V+ VTIN RIN TOUT ROUT TSHORT Tstg Supply Voltage Extra Positive Voltage Extra Negative Voltage Transmitter Input Voltage Range Receiver Input Voltage Range Transmitter Output Voltage Range Receiver Output Voltage Range Short Circuit Durtion on TOUT Storage Temperature Range Parameter Value 6 (VCC - 0.3) to 13.2 13.2 -0.3 to (VCC + 0.3) 20 (V- - 0.3) to (V+ + 0.3) -0.3 to (VCC + 0.3) Continuous -65 to 150 C Unit V V V V V V V
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. V+ and V- can have a maximum magnitude of +7V, but their absolute addition can not exceed 13 V.
ESD PERFORMANCE: TRANSMITTER OUTPUTS, RECEIVER INPUTS
Symbol ESD Parameter ESD Protection Voltage Test Conditions Human Body Model Min. Typ. 15 Max. Unit KV
ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F, VCC = 5V 5%, TA = MIN to MAX, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VCC ICC Parameter Supply Voltage VCC Power Supply Current No Load TA = 25C` VCC= 10% Test Conditions Min. 4.5 Typ. 5.0 1.5 Max. 5.5 3 Unit V mA
RECEIVER ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F, VCC = 5V 5%, TA = MIN to MAX, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VRIN VRIL VRIH RRIN VOL VOH Parameter Receiver Input Voltage Operating Range Input Threshold Low Input hreshold High Input Resistance Output Voltage Low Output Voltage High Test Conditions Min. -15 TA = 25C TA = 25C VCC = 5V, TA = 25C IOUT = 3.2mA IOUT = -1mA VIN = 15V VCC = 5V 3.5 VCC = 5V VCC = 5V 0.2 3 0.8 1.2 1.7 0.5 5 2.8 1 7 0.4 Typ. Max. 15 Unit V V V V K V V
VRIHYS Input Hysteresys
3/9
ST207EH
TRANSMITTER ELECTRICAL CHARACTERISTICS (C1 - C 4 = 0.1F, VCC = 5V 5%, TA = MIN to MAX, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VTOUT ROUT ISC IIL VTIL VTIH Parameter Output Voltage Swing Test Conditions All Driver loaded with 3K to GND VOUT = 2V VOUT = 0V Min. 5 300 18 15 0.2 200 0.8 Typ. 7 Max. Unit V mA A V V
Transmitter Output VCC = V+ = V- = 0V Resistance Output Short Circuit Current Infinite duration Input Pull-Up Current Input Logic Threshold Low Input Logic Threshold High TIN = 0V
TIMING CHARACTERISTICS (C1 - C4 = 0.1F, VCC = 5V 5%, TA = MIN to MAX, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol DR tPHLR tPLHR tPHLT tPLHT Parameter Maximum Data Rate RL = 3K Test Conditions CL= 1000pF Min. 480 250 200 500 Typ. Max. Unit Kbps ns ns
Receiver Propagation Delay RS-232 to TTL Transmitter Propagation Delay TTL to RS-232
4/9
ST207EH
APPLICATION CIRCUITS
CAPACITANCE VALUE (F)
C1 0.1 C2. 0.1 C3 0.1 C4 0.1 C5 0.1
5/9
ST207EH
SO-24 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L S 7.40 0.50 15.20 10.00 1.27 13.97 7.60 1.27 8 (max.) 0.291 0.020 15.60 10.65 0.35 0.23 0.5 45 (typ.) 0.598 0.393 0.050 0.550 0.300 0.050 0.614 0.419 0.1 TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. TYP. MAX. 0.104 0.008 0.096 0.019 0.012 inch
L
a2
e3 D
E
24
13
1
12
F
a1
s
6/9
b1
PO13T
b
e
A
C
c1
ST207EH
SSOP24 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.25 0.50 1.51 0.25 0.10 8.35 7.6 5.02 6.10 0.65 BSC 10 0.80 0 0.010 0.020 0.30 TYP MAX. 2 0.25 2.00 0.35 0.35 9.35 8.7 6.22 0.059 0.010 0.004 0.329 0.246 0.198 0.252 0.240 0.0256 BSC 10 0.031 0.012 MIN. TYP. MAX. 0.079 0.010 0.079 0.014 0.014 0.368 0.256 0.245 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7/9
ST207EH
TSSOP24 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 0.19 0.09 7.7 6.25 4.3 0.65 BSC 8 0.70 0 0.020 0.05 0.9 0.30 0.20 7.9 6.5 4.5 0.0075 0.0035 0.303 0.246 0.169 0.0256 BSC 8 0.028 TYP MAX. 1.1 0.15 0.002 0.035 0.0118 0.0079 0.311 0.256 0.177 MIN. TYP. MAX. 0.043 0.006 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7047476A
8/9
ST207EH
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of 8522

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X